Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 160 page
background image
Serial Input/Output Port (SIOP)
Introduction
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Serial Input/Output Port (SIOP)
119
Figure 10-1. SIOP Block Diagram
Addr.
Name
Bit 7
6
54
32
1
Bit 0
$000A
SIOP Control Register
(SCR)
See page 125.
Read:
0
SPE
0
MSTR
0
0
0
0
Write:
Reset:
00
00
00
00
$000B
SIOP Status Register
(SSR)
See page 126.
Read:
SPIF
DCOL
0
0
0
0
0
0
Write:
Reset:
00
00
00
00
$000C
SIOP Data Register
(SDR)
See page 127.
Read:
Bit 7
6
54
32
1
Bit 0
Write:
Reset:
Unaffected by reset
= Unimplemented
Figure 10-2. SIOP I/O Register Summary
SPE
SPIF
DCOL
MSTR
SIOP
765
43210
SIOP DATA REGISTER
CLOCK
LOGIC
DIVIDE
BY 4
PIN
CONTROL
LOGIC
AND
DDR
SIOP
CONTROL
INTERNAL
CLOCK
(fOSC ÷ 2)
INTERNAL BUS
FROM MOR
MS
PB5/SDO
PB7/SCK
PB6/SDI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com