Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 160 page
background image
Serial Input/Output Port (SIOP)
Technical Data
MC68HC705P9 — Rev. 4.0
120
Serial Input/Output Port (SIOP)
MOTOROLA
10.4 Operation
The master MCU initiates and controls the transfer of data to and from
one or more slave peripheral devices. In master mode, a transmission is
initiated by writing to the SIOP data register (SDR). Data written to the
SDR is parallel-loaded and shifted out serially to the slave device(s).
Many simple slave devices are designed to only receive data from a
master or to only supply data to a master. For example, when a serial-
to-parallel shift register is used as an 8-bit port, the master MCU initiates
transfers of 8-bit data values to the shift register. Since the serial-to-
parallel shift register does not send any data to the master, the MCU
ignores whatever it receives as a result of the transmission.
The SIOP is simpler than the serial peripheral interface (SPI) on some
other Motorola MCUs in that:
•
The polarity of the serial clock is fixed.
•
There is no slave select pin.
•
The direction of serial data does not automatically switch as on the
SPI because the SIOP is not intended for use in multimaster
systems. Most applications use one MCU as the master to initiate
and control data transfer between one or more slave peripheral
devices.
A programmable option allows the SIOP to transfer data MSB first or
LSB first.
10.4.1 Pin Functions
The SIOP uses three pins and shares them with port B:
•
PB7/SCK
•
PB6/SDI
•
PB5/SDO
NOTE:
Do not use the PB7/SCK, PB6/SDI, or PB5/SDO pins for general-
purpose I/O while the SIOP is enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com