Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 160 page
background image
Serial Input/Output Port (SIOP)
Technical Data
MC68HC705P9 — Rev. 4.0
124
Serial Input/Output Port (SIOP)
MOTOROLA
Table 10-1. SIOP Timing (V
DD = 5.0 Vdc)
(1)
1. VDD = 5.0 Vdc ±10%, VSS = 0 Vdc, TA = TL to TH unless otherwise noted.
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Master
Slave
f
SIOP(M)
fSIOP(S)
fOSC/64
dc
fOSC/8
525
MHz
kHz
Cycle Time
Master
Slave
t
SCK(M)
tSCK(S)
4.0
—
4.0
1920
tCYC
(2)
ns
2. tCYC = 1 ÷ fOP
Clock (SCK) Low Time (f
OP = 2.1 MHz)
(3)(4)
3. fOSC = crystal frequency; fOP = fOSC ÷ 2 = 2.1 MHz maximum
4. In master mode, the frequency of SCK is fOP ÷ 4.
tSCKL
932
—
ns
SDO Data Valid Time
tV
—
200
ns
SDO Hold Time
tHO
0
—
ns
SDI Setup Time
t
S
100
—
ns
SDI Hold Time
tH
100
—
ns
Table 10-2. SIOP Timing (V
DD = 3.3 Vdc)
(1)
1. VDD = 3.3 Vdc ±10%, VSS = 0 Vdc, TA = TL to TH unless otherwise noted
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Master
Slave
f
SIOP (M)
fSIOP(S)
fOSC/64
dc
fOSC/8
250
MHz
kHz
Cycle Time
Master
Slave
t
SCK(M)
tSCK(S)
4.0
—
4.0
4000
t
CYC
(2)
2. tCYC = 1 ÷ fOP
Clock (SCK) Low Time (f
OP = 1.0 MHz)
(3) (4)
3. fOSC = crystal frequency; fOP = fOSC ÷ 2 = 1.0 MHz maximum
4. In master mode, the frequency of SCK is fOP ÷ 4.
tSCKL
1980
—
ns
SDO Data Valid Time
tV
—
400
ns
SDO Hold Time
tHO
0
—
ns
SDI Setup Time
t
S
200
—
ns
SDI Hold Time
tH
200
—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com