Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 160 page
background image
Serial Input/Output Port (SIOP)
Operation
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Serial Input/Output Port (SIOP)
121
When bit 6 (SPE) of the SIOP control register (SCR) is set, the SIOP is
enabled and the PB7/SCK, PB5/SDO, and PB6/SDI pins are dedicated
to SIOP functions. Clearing SPE disables the SIOP and the SIOP pins
become standard I/O port pins.
NOTE:
Enabling and then disabling the SIOP configures the data direction
register bits associated with the SIOP pins for SIOP operation and can
also change the associated port data register. After disabling the SIOP,
initialize the data direction register and the port data register as the
application requires.
10.4.1.1 PB7/SCK
The PB7/SCK pin synchronizes the movement of data into and out of the
MCU through the PB6/SDI and PB5/SDO pins. In master mode, the
PB7/SCK pin is an output. The serial clock frequency in master mode is
one-fourth the internal clock frequency.
In slave mode, the PB7/SCK pin is an input. The maximum serial clock
frequency in slave mode is one-fourth the internal clock rate. Slave
mode has no minimum serial clock frequency.
Figure 10-3 shows the timing relationships among the serial clock, data
input, and data output. The state of the serial clock between
transmissions is a logic one. The first falling edge on the PB7/SCK pin
signals the beginning of a transmission, and data appears at the
PB5/SDO pin. Data is captured at the PB6/SDI pin on the rising edge of
the serial clock, and the transmission ends on the eighth rising edge of
the serial clock.
Figure 10-3. SIOP Data/Clock Timing
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
SERIAL CLOCK
DATA OUTPUT
DATA OUTPUT
SAMPLE INPUT
LSB
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
MSB
(MSB-FIRST OPTION)
(LSB-FIRST OPTION)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com