Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
Serial Input/Output Port (SIOP)
Technical Data
MC68HC705P9 — Rev. 4.0
128
Serial Input/Output Port (SIOP)
MOTOROLA
10.8 Low-Power Modes
The WAIT and STOP instructions put the MCU in low-power
consumption standby modes.
10.8.1 Stop Mode
The STOP instruction suspends the clock to the SIOP. When the MCU
exits stop mode, processing resumes after the internal oscillator
stabilization delay of 4064 oscillator cycles.
A STOP instruction in a master SIOP does not suspend the clock to
slave SIOPs.
10.8.2 Wait Mode
The WAIT instruction suspends the clock to the SIOP. When the MCU
exits wait mode, processing resumes immediately.
A WAIT instruction in a master SIOP does not suspend the clock to slave
SIOPs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com