Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 160 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC705P9 — Rev. 4.0
132
Analog-to-Digital Converter (ADC)
MOTOROLA
11.4.1.2 PC6/AN0–PC3/AN3
The multiplexer can select one of four external analog input channels
(AN0, AN1, AN2, or AN3) for sampling. The conversion takes 32 cycles.
The first 12 cycles sample the voltage on the selected input pin by
charging an internal capacitor. In the last 20 cycles, a comparator
successively compares the output of an internal D/A converter to the
sampled analog input. Control logic changes the D/A converter input one
bit at a time, starting with the MSB, until the D/A converter output
matches the sampled analog input. The conversion is monotonic and
has no missing codes. At the end of the conversion, the conversion
complete flag (CCF) becomes set, and the CPU takes two cycles to
move the result to the ADC data register.
NOTE:
To prevent excess power dissipation, do not simultaneously use an I/O
port pin as a digital input and an analog input.
While the ADC is on, the selected analog input reads as logic zero. The
port C pins that are not selected read normally.
An analog input voltage equal to V
RH converts to digital $FF; an input
voltage greater than V
RH converts to $FF with no overflow. An analog
input voltage equal to V
SS converts to digital $00. For ratiometric
conversion, the source of each analog input should use V
RH as the
supply voltage and be referenced to V
SS.
The clock frequency must be equal to or greater than 1 þMHz. If the
internal clock frequency is less than 1þMHz, the internal RC oscillator
(nominally 1.5 MHz) must be used for the ADC conversion clock. Make
this selection by setting the ADRC bit to logic one in the ADC status and
control register.
11.5 Interrupts
The ADC cannot generate interrupt requests.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com