Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 160 page
background image
Analog-to-Digital Converter (ADC)
I/O Registers
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
135
When the internal RC oscillator is being used as the ADC clock, two
limitations apply:
•
Because of the frequency tolerance of the RC oscillator and its
asynchronism with the internal clock, the conversion complete flag
must be used to determine when a conversion sequence is
complete.
•
The conversion process runs at the nominal 1.5-MHz rate, but the
conversion results must be transferred to the ADC data register
synchronously with the internal clock; therefore, the conversion
process is limited to a maximum of one channel every internal
clock cycle.
ADON — ADC On
This read/write bit turns on the ADC. When the ADC is on, it requires
a time, t
ADON, for the current sources to stabilize. During this time,
results can be inaccurate. Resets clear the ADON bit.
1 = ADC turned on
0 = ADC turned off
Bits 4–2 — Not used
Bits 4–2 always read as logic zeros.
CH[2:0] — Channel Select Bits
These read/write bits select one of eight ADC input channels as
shown in Table 11-2. Channels 0–3 are the input pins, PC3/AN3,
PC4/AN2, PC5/AN1, and PC6/AN0. Channels 4–6 can be used for
reference measurements. Channel 7 is reserved for factory testing.
Table 11-2. ADC Input Channel Selection
CH[2:1:0]
Channel
Signal
000
0
AN0
001
1
AN1
010
2
AN2
011
3
AN3
100
4
VRH
101
5
(VRH + VSS) / 2
110
6
VSS
111
7
Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com