Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 160 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC705P9 — Rev. 4.0
134
Analog-to-Digital Converter (ADC)
MOTOROLA
11.7 I/O Registers
The following registers control and monitor operation of the ADC:
•
ADC status and control register (ADSCR)
•
ADC data register (ADDR)
11.7.1 ADC Status and Control Register
The ADC status and control register (ADSCR) contains a conversion
complete flag and four writable control bits. Writing to ADSCR clears the
conversion complete flag and starts a new conversion sequence.
CCF — Conversion Complete Flag
This read-only bit is automatically set when an analog-to-digital
conversion is complete, and a new result can be read from the ADC
data register. Clear the CCF bit by writing to the ADC status and
control register or by reading the ADC data register. Resets clear the
CCF bit.
1 = Conversion complete
0 = Conversion not complete
ADRC — ADC RC (Oscillator)
This read/write bit turns on the internal RC oscillator to drive the ADC.
If the internal clock frequency (f
OP) is less than 1 MHz, ADRC must be
set. When the RC oscillator is turned on, it requires a time, t
ADRC, to
stabilize, and results can be inaccurate during this time. Resets clear
the ADRC bit.
1 = Internal RC oscillator drives ADC
0 = Internal clock drives ADC
$001E
Bit 7
6
54321
Bit 0
Read:
CCF
ADRC
ADON
00
CH2
CH1
CH0
Write:
Reset:
00
000000
= Unimplemented
Figure 11-3. ADC Status and Control Register (ADSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com