Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 160 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC705P9 — Rev. 4.0
136
Analog-to-Digital Converter (ADC)
MOTOROLA
To prevent excess power dissipation, do not use an ADC pin as an
analog input and a digital input at the same time.
Using one of the port pins as the ADC input does not affect the ability to
use the remaining port pins as digital inputs.
Reading a port pin that is selected as an analog input returns a logic
zero.
11.7.2 ADC Data Register
The ADC data register (ADDR) is a read-only register that contains the
result of the most recent analog-to-digital conversion.
11.8 Low-Power Modes
11.8.1 Stop Mode
The STOP instruction turns off the ADC and aborts any current and
pending conversions.
11.8.2 Wait Mode
The ADC continues to operate normally after the WAIT instruction. To
reduce power consumption in wait mode:
•
If the ADC is not being used, clear both the ADON and ADRC bits
before entering wait mode.
•
If the ADC is being used and the internal clock rate is above
1 MHz, clear the ADRC bit before entering wait mode.
$001D
Bit 7
6
54321
Bit 0
Read:
Bit 7
6
54321
Bit 0
Write:
Reset:
Unaffected by reset
Figure 11-4. ADC Data Register (ADDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com