Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 160 page
background image
Analog-to-Digital Converter (ADC)
Operation
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
131
11.4 Operation
The A/D conversion process is ratiometric, using two reference voltages,
V
RH and VSS. Conversion accuracy is guaranteed only if VRH is equal to
V
DD.
11.4.1 Pin Functions
The ADC uses five pins and shares them with port C:
•
PC7/VRH
•
PC6/AN0, PC5/AN1, PC4/AN2, and PC3/AN3
11.4.1.1 PC7/VRH
The voltage reference high pin (PC7/VRH) supplies the high reference
voltage for the ratiometric conversion process. For ratiometric
conversion, the supply voltage of the analog source should be the same
as V
RH and be referenced to VSS.
Addr.
Name
Bit 76
5
4
3
2
1Bit 0
$001D
ADC Data Register
(ADDR)
See page 136.
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
Reset:
Unaffected by reset
$001E
ADC Status/Control Register
(ADSCR)
See page 134.
Read:
CCF
ADRC
ADON
00
CH2
CH1
CH0
Write:
Reset:
0
00
000
00
= Unimplemented
Figure 11-2. ADC I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com