Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
Electrical Specifications
5.0-Volt DC Electrical Characteristics
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Electrical Specifications
141
12.6 5.0-Volt DC Electrical Characteristics
Characteristic
Symbol
Min
Typ(1)
1. Typical values at midpoint of voltage range, 25
°C only
Max
Unit
Output Voltage
ILOAD = 10.0 µA
ILOAD = –10.0 µA
VOL
VOH
—
VDD – 0.1
—
—
0.1
—
V
Output High Voltage (ILOAD = –0.8 mA)
PA7–PA0, PB7/SCK–PB5/SDO, PC7/VRH–PC0, PD5,
TCMP
VOH
VDD – 0.8
——
V
Output Low Voltage (ILOAD = 1.6 mA)
PA7–PA0, PB7/SCK–PB5/SDO, PC7/VRH–PC0, PD5,
TCMP
VOL
——
0.4
V
Input High Voltage
PA7–PA0, PB7/SCK–PB5/SDO, PC7/VRH–PC0, PD5,
PD7/TCAP, IRQ/VPP, RESET, OSC1
VIH
0.7
× V
DD
—
VDD
V
Input Low Voltage
PA7–PA0, PB7/SCK–PB5/SDO, PC7/VRH–PC0, PD5,
PD7/TCAP, IRQ/VPP, RESET, OSC1
VIL
VSS
—
0.2
× V
DD
V
Supply Current(2) (3) (4) (5)
Run Mode
Wait Mode (ADC On)
Wait Mode (ADC Off)
Stop Mode
25
°C
0 to 70
°C (Standard)
–40 to 125
°C
2. Run mode and wait mode IDD measured using external square wave clock source (fOSC = 4.2 MHz); all inputs 0.2 V from rail;
no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2
3. Wait mode and stop mode IDD measured with all ports configured as inputs; VIL = 0.2 V; VIH = VDD – 0.2 V
4. Stop mode IDD measured with OSC1 = VSS
5. Wait mode IDD affected linearly by OSC2 capacitance
IDD
—
—
—
—
—
—
4.7
2.1
1.3
2
—
—
6.5
2.9
1.9
30
50
100
mA
mA
mA
µA
µA
µA
I/O Ports Hi-Z Leakage Current
PA7–PA0, PB7/SCK–PB5/SDO, PC7/VRH–PC0, PD5
IIL
——
±10
µA
ADC Ports Hi-Z Leakage Current
IOZ
——
±1
µA
Input Current
RESET, IRQ/VPP, OSC1, PD7/TCAP
IIn
——
±1
µA
Capacitance
Ports (As Inputs or Outputs)
RESET, IRQ/VPP
COut
CIn
—
—
—
—
12
8
pF
Programming Voltage
VPP
16.25
16.5
16.75
V
Programming Current
IPP
—
510
mA
Programming Time per Byte
tEPGM
4
——
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com