Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 145Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
Electrical Specifications
Driver Characteristics
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Electrical Specifications
143
12.8 Driver Characteristics
Figure 12-1. Typical High-Side Driver Characteristics
Figure 12-2. Typical Low-Side Driver Characteristics
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–1.0
–2.0
–3.0
–4.0
–5.0
IOH (mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–1.0
–2.0
–3.0
–4.0
–5.0
IOH (mA)
NOTES:
1. Shaded area indicates variation in driver characteristics due to changes in temperature and for normal processing tolerances.
Within the limited range of values shown, V vs. I curves are approximately straight lines.
2. At VDD = 5.0 V, devices are specified and tested for VOL ≤ 800 mV @ IOL = –0.8 mA.
3. At VDD = 3.3 V, devices are specified and tested for VOL ≤ 300 mV @ IOL = –0.2 mA.
(NOTE 3)
(NOTE 2)
VDD = 5.0 V
VDD = 3.3 V
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
2.0
4.0
6.0
8.0
10.0
IOL (mA)
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
2.0
4.0
6.0
8.0
10.0
IOL (mA)
(NOTE 3)
(NOTE 2)
VDD = 5.0 V
VDD = 3.3 V
NOTES:
1. Shaded area indicates variation in driver characteristics due to changes in temperature and for normal processing tolerances.
Within the limited range of values shown, V vs. I curves are approximately straight lines.
2. At VDD = 5.0 V, devices are specified and tested for VOL ≤ 400 mV @ IOL = 1.6 mA.
3. At VDD = 3.3 V, devices are specified and tested for VOL ≤ 300 mV @ IOL = 0.4 mA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com