Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 145Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
Electrical Specifications
3.3 V Control Timing
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Electrical Specifications
147
12.12 3.3 V Control Timing
Figure 12-5. Test Load
Characteristic
Symbol
Min
Max
Unit
Oscillator Frequency
Crystal
External Clock
fOSC
—
dc
2.0
2.0
MHz
Internal Operating Frequency (fOSC ÷ 2)
Crystal
External Clock
fOP
—
dc
1.0
1.0
MHz
Cycle Time (1
÷ f
OP)tCYC
1
—
ms
Crystal Oscillator Startup Time
tOXOV
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator)
tILCH
—
100
ms
RESET Pulse Width
tRL
1.5
—
tCYC
Timer
Resolution(1)
Input Capture Pulse Width
Input Capture Pulse Period
1. A 2-bit prescaler in the timer is the limiting factor as it counts 4 tCYC
tRESL
tH, tL
tTLTL
4.0
250
Note(2)
2. The minimum tTLTL should not be less than the number of interrupt service routine cycles plus
19 tCYC
—
—
—
tCYC
ns
tCYC
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
250
—
ns
Interrupt Pulse Period
tILIL
Note(3)
3. The minimum tILIL should not be less than the number of interrupt service routine cycles plus
19 tCYC
—
tCYC
OSC1 Pulse Width
tOH, tOL
200
—
ns
VDD
C
R2
R1
TEST POINT
PINS
PA7–PA0
PB7/SCK–PB5/SDO
PC7/VRH–PC0
R1
3.26 k
Ω
R2
2.38 k
Ω¾
C
50 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com