Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 4 Page - Semtech Corporation

  SC415 Datasheet HTML 1Page - Semtech Corporation SC415 Datasheet HTML 2Page - Semtech Corporation SC415 Datasheet HTML 3Page - Semtech Corporation SC415 Datasheet HTML 4Page - Semtech Corporation SC415 Datasheet HTML 5Page - Semtech Corporation SC415 Datasheet HTML 6Page - Semtech Corporation SC415 Datasheet HTML 7Page - Semtech Corporation SC415 Datasheet HTML 8Page - Semtech Corporation SC415 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SC415
4
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
NOTES-
(1)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2)
Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Absolute Maximum Ratings
DHx, BSTx, GND (DC)
……………………………… -03 to +30V
DHx, BSTx to GND (transient - 100nsec max)
………… -2.0 to +33V
LXx, TON to GND (DC)
……………………………… -0.3 to +25V
LXx, TON to GND (transient - 100nsec max)
………… -2.0 to +28V
BST1 to LX1, BST2 to LX2 (DC)
……………………… -0.3 to +6.0V
BST1 to LX1, BST2 to LX2 (transient - 100nsec max)
… 0.3 to +7.5V
DLx to GND (DC)
……………………………………-0.3 to +6.0V
GND to RTN
……………………………………… -0.3 to +0.3V
VDDx to RTN
……………………………………… -0.3 to +6.0V
ENx, FBx, ILIMx, PGDx, SSx, VOUTx to RTN
…… -0.3 to VDDx +0.3V
ESD Protection Level(2) …………………………………
2kV
Thermal Information
Junction to Ambient(1) ……………………………… 29°C/W
Storage Temperature Range ……………… -60 to +150°C
Operating Junction Temperature Range … -40 to +125°C
Peak IR Reflow Temperature (10s to 30s) …….……… 260°C
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VIN Input Voltage
3.0
25
V
VDDx Input Voltage
4.5
5.5
V
VDD1 + VDD2 Shutdown Current
EN1, EN2 = 0V
7
10
μA
VDD1 + VDD2 Operating Current
EN1, EN2 = 5V
(Powersave Mode)
FB1, FB2 > REF
800
1200
μA
Regulation
FB1, FB2 On-Time Threshold
0 to 85°C
-40 to 85°C
0.75
0.7425
0.7388
0.7575
0.7612
V
VOUTx Output Voltage Range
External Resistors
0.75
5.25
V
VOUT1 On-Time Threshold
FB1 = 5V; 0 to 85°C
FB1 = 5V; -40 to 85°C
1.8
1.775
1.773
1.8225
1.8315
V
FB1 = RTN; 0 to 85°C
FB1 = RTN; -40 to 85°C
1.5
1.5
1.4812
1.4737
1.5188
1.5263
V
Test Conditions: V
IN = 15V, VOUT = 1.5V, TA = 25
o
C, 0.1% resistor dividers; RTON = 1Meg; VDD1/2 = 5.0V; GND connects to PAD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com