Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 2Page - Semtech Corporation SC415 Datasheet HTML 3Page - Semtech Corporation SC415 Datasheet HTML 4Page - Semtech Corporation SC415 Datasheet HTML 5Page - Semtech Corporation SC415 Datasheet HTML 6Page - Semtech Corporation SC415 Datasheet HTML 7Page - Semtech Corporation SC415 Datasheet HTML 8Page - Semtech Corporation SC415 Datasheet HTML 9Page - Semtech Corporation SC415 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SC415
6
Electrical Characteristics (continued)
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
PGDx Leakage
1μA
Fault Protection
VDD1 Under-Voltage Lockout
VDD1 Falling Edge
(typical hysteresis 100mV)
4.0
3.7
4.2
V
VOUTx Under-Voltage Fault
VOUTx Falling Edge
-30
-35
-25
%
VOUTx Under-Voltage Fault Delay (2)
8
clks
VOUTx Over-Voltage Fault
20
+17
+23
%
VOUTx Over-Voltage Fault Delay (2)
5
μsec
Thermal Shutdown (2)
Latching,
>10°C Hysteresis
160
°C
Inputs/Outputs
EN1, EN2 Input Low Voltage
VOUTx Disabled
1.2
V
ENx Input -
Forced Continuous Mode Operation
ENx = Open
2.0
V
ENx Input High Voltage
VOUTx Enabled,
Power Save Enabled
3.1
V
ENx Input Resistance
R Pull Up to VDDx
1.5
MΩ
R Pull Down to RTN
1
MΩ
FBx Input Low Voltage
0.3
V
FBx Input High Voltage
VDDx -0.7
V
Power Good Output Low Voltage
R
PGDx
= 10kΩ to VDDx
0.4
V
Gate Drivers
Shoot-Thru Protection Delay(2)
DHx or DLx Rising
30
nsec
DLx Pull-Down Resistance
DL Low
0.8
1.6
Ω
DLx Sink Current (2)
V
DLx
= 2.5V
3.1
A
DLx Pull-Up Resistance
DLx High
2
4
Ω
DLx Source Current (2)
V
DLx
= 2.5V
1.3
A
DHx Pull-Down Resistance
DHx Low,
BSTx - LXx = 5V
24
Ω
DHx Pull-Up Resistance(3)
DHx High,
BSTx - LXx = 5V
24
Ω
DHx Sink/Source Current (2)
V
DHx
= 2.5V
1.3
A
Notes:
1) RTON = 1Meg.
2) Guaranteed by design.
3) Semtech’s SmartDrive™ FET drive first pulls DH high with a pull-up resistance of 10Ω (typical) until LX = 1.5V (typical). At this point, an additional pull-up device is
activated, reducing the resistance to 2Ω (typical). This negates the need for an external gate or boost resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com