Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 20Page - Semtech Corporation SC415 Datasheet HTML 21Page - Semtech Corporation SC415 Datasheet HTML 22Page - Semtech Corporation SC415 Datasheet HTML 23Page - Semtech Corporation SC415 Datasheet HTML 24Page - Semtech Corporation SC415 Datasheet HTML 25Page - Semtech Corporation SC415 Datasheet HTML 26Page - Semtech Corporation SC415 Datasheet HTML 27Page - Semtech Corporation SC415 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
SC415
24
Typical Characteristics
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
10
11
12
13
14
15
16
17
18
19
20
0A
1A
4A
10A
1.47
1.48
1.49
1.5
1.51
1.52
1.53
10
11
12
13
14
15
16
17
18
19
20
10A
4A
1A
0A
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
01
234
5678
9
10
20V
15V
10V
1.47
1.48
1.49
1.50
1.51
1.52
1.53
0123456789
10
10V
15V
20V
VOUT2 Line Regulation 1.5V PSAVE Enabled
VOUT1 Line Regulation 1.8V PSAVE Enabled
VOUT2 Load Regulation 1.5V PSAVE Enabled
VOUT1 Load Regulation 1.8V PSAVE Enabled
VIN (V)
VIN(V)
LOAD (A)
LOAD (A)
Frequency vs. Load, VOUT1 at 1.8V
260
270
280
290
300
310
320
330
340
350
3456789
10
10V
15V
20V
Frequency vs. Load, VOUT2 at 1.5V
340
350
360
370
380
390
400
410
420
430
3456789
10
10V
15V
20V
LOAD (A)
LOAD (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com