Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 22Page - Semtech Corporation SC415 Datasheet HTML 23Page - Semtech Corporation SC415 Datasheet HTML 24Page - Semtech Corporation SC415 Datasheet HTML 25Page - Semtech Corporation SC415 Datasheet HTML 26Page - Semtech Corporation SC415 Datasheet HTML 27Page - Semtech Corporation SC415 Datasheet HTML 28Page - Semtech Corporation SC415 Datasheet HTML 29Page - Semtech Corporation SC415 Datasheet HTML 30Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SC415
28
Reference Design
Bill of Materials
Component
Value
Manufacturer
Part Number
Web
C1,C2,C5,C6
10uF, 25V
Murata
GRM32DR71E106KA12L
www.murata.com
C10,C11
330uF/6mΩ/2V
Panasonic
EEFSX0D331XR
www.panasonic.com
D1,D2
200mA/30V
OnSemi
BAT54A
www.onsemi.com
D3,D4
1A/40V
OnSemi
MBSR140LT3
www.onsemi.com
L1,L2
1.5uH/19A
Vishay
IHLP5050CER1R5M01
www.vishay.com
Q1,Q2
30V/12.5mΩ
I.R.
IRF7821
www.irf.com
Q3,Q4
30V/12.5mΩ
I.R.
IRF7832
www.irf.com
VOUT1
VOUT2
VIN
VIN
VIN
+5V
+5V
+5V
+5V
+5V
VOUT1
VOUT2
PGD1
PGD2
EN1
EN2
RTON set
VIN Power Input
1.8V at 10A
1.5V at 10A
VIN Power Input
C20
NO_POP
C20
NO_POP
C7
100NF
C7
100NF
C17
10NF
C17
10NF
L1
1.5UH
L1
1.5UH
R3
6.81K
R3
6.81K
C3
0.22UF
C3
0.22UF
C18
10NF
C18
10NF
C8
100NF
C8
100NF
+
C10
330UF
+
C10
330UF
R2
100K
R2
100K
C14
1UF
C14
1UF
C19
100NF
C19
100NF
4
D
Q2
IRF7821
D
Q2
IRF7821
C12
100NF
C12
100NF
C6
10UF
C6
10UF
R1
100K
R1
100K
C9
100NF
C9
100NF
C21
NO_POP
C21
NO_POP
D3
140L
D3
140L
+
C11
330UF
+
C11
330UF
C5
10UF
C5
10UF
R5
14K
R5
14K
R4
6.81K
R4
6.81K
C23
330PF
C23
330PF
C13
100NF
C13
100NF
LX1
1
BST1
2
VDD1
3
DL1
4
EN1
5
SS1
6
SS2
13
EN2
14
DL2
15
VDD2
16
25
PAD
LX2
18
BST2
17
U1
SC415
U1
SC415
C4
0.22UF
C4
0.22UF
C15
100NF
C15
100NF
R8
1MEG
R8
1MEG
R7
10K
R7
10K
D4
140L
D4
140L
BAT54A
D2
BAT54A
D2
BAT54A
D1
BAT54A
D1
C22
100NF
C22
100NF
C16
1UF
C16
1UF
R9
10K
R9
10K
4
D
Q4
IRF7832
D
Q4
IRF7832
L2
1.5UH
L2
1.5UH
R6
10K
R6
10K
C1
10UF
C1
10UF
4
D
Q1
IRF7821
D
Q1
IRF7821
4
D
Q3
IRF7832
D
Q3
IRF7832
C2
10UF
C2
10UF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com