Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 9Page - Semtech Corporation SC415 Datasheet HTML 10Page - Semtech Corporation SC415 Datasheet HTML 11Page - Semtech Corporation SC415 Datasheet HTML 12Page - Semtech Corporation SC415 Datasheet HTML 13Page - Semtech Corporation SC415 Datasheet HTML 14Page - Semtech Corporation SC415 Datasheet HTML 15Page - Semtech Corporation SC415 Datasheet HTML 16Page - Semtech Corporation SC415 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SC415
13
Applications Information (continued)
The resistor sensing circuit is shown in Figure 6 with RILIM
= R1 and RSENSE = R4
Figure 6
The following over-current equation can be used for
both RDSON or resistive sensing. For RDSON sensing, the
MOSFET RDSON rating is used for the value of RSENSE.
ILOC(Valley) = 10μA × RILIM / RSENSE
Power Good Output
Each output provides a power good (PGD) output, which
is an open-drain output requiring a pull-up resistor. When
the output voltage as sensed at FB is -9% from the 750mV
reference (682mV), PGD is pulled low. It is held low until
the output voltage returns above -9% of nominal; the
falling edge of PGD is not latched. PGD is held low during
start-up and will not be allowed to transition high until
soft-start is completed, when SS reaches 750mV. There
is a 5μs delay built into the PGD circuit to prevent false
transitions.
PGD also transitions low if the FB pin exceeds +20% of
nominal (900mV), which is also the over-voltage shutdown
point.
Output Over-Voltage Protection (OVP)
In steady state operation, when FB exceeds 20% of
nominal (900mV), DL latches high and the low-side
MOSFET is turned on. DL stays high and the SMPS stays
off until the EN/PSV input is toggled or VDD1 is recycled.
There is a 5μs delay built into the OVP detector to prevent
false transitions. PGD is also held low after an OVP.
Output Under-Voltage Protection (UVP)
When FB falls 30% below nominal (to 525mV) for eight
consecutive clock cycles, the output is shut off; the DL/
DH drivers are pulled low to tristate the MOSFETs, and the
converter stays off until its Enable input is toggled or the
VDD1 supply is recycled. The other output does not shut
off during UVP.
POR and UVLO
Under-voltage lockout circuitry (UVLO) inhibits switching
and tristates all DH/DL drivers until the +5V supply at
VDD1 rises above typically 4.1V. An internal power-on
reset (POR) occurs when VDD1 exceeds 4.1V, which resets
the fault latches and quickly discharges the soft-start
capacitors to prepare the PWM for startup switching. At
this time the SC415 will exit UVLO and begin the soft-start
cycle.
Startup Sequence
The startup sequence for each output relies on an external
ramp at the SS pin. During startup, the FB comparator
uses the SS ramp voltage as the reference until SS reaches
750mV, at which point the FB comparator switches over
to the internal fixed 750mV reference. The external ramp
is created by connecting a capacitor to the SS pin.
Before starting, with EN low, the SS pin is internally tied to
GND through 4kΩ. When EN is released, SS is briefly pulled
to GND through 16 ohms to discharge residual voltage on
the SS capacitor. Then the resistances are removed and a
5μA source current flows out of the SS pin.
Q1
Q2
+
C1
Vout
D1
R1
+5V
L1
+
C3
R4
D2
PAD
DL
VDDP
ILIM
LX
DH
BST
C2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com