Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 19Page - Semtech Corporation SC415 Datasheet HTML 20Page - Semtech Corporation SC415 Datasheet HTML 21Page - Semtech Corporation SC415 Datasheet HTML 22Page - Semtech Corporation SC415 Datasheet HTML 23Page - Semtech Corporation SC415 Datasheet HTML 24Page - Semtech Corporation SC415 Datasheet HTML 25Page - Semtech Corporation SC415 Datasheet HTML 26Page - Semtech Corporation SC415 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SC415
23
Applications Information (continued)
GND
(PAD)
SC415
Side 1 Power
Components
Side 2 Power
Components
Side 1
Analog
Components
Side 2
Analog
Components
PAD connection to the MOSFETs must therefore be done
on an inner or bottom layer. For this reason, it is best to
place the low-side MOSFET on the opposite side of the
pcb, to allow a wide and direct connection to the ground
PAD on the bottom layer. Otherwise an inner layer must
be used for the ground PAD connection; if needed, this
should be done with many vias to minimize the high-
frequency impedance. This applies to both side1 and
side2 MOSFETs.
The remaining power devices should then be placed with
their ground pins near each other, and near the IC. That
is, the ground connections between the IC, the low-side
MOSFET, the low-side diode (if used), the input capacitors,
and the output capacitor, should be short. The other non-
ground power connections (from input cap to high-side
MOSFET, from MOSFETs to inductor, and from inductor
to output capacitor) should be short and wide as well, to
minimize the loop length and area.
Use short, wide traces from the DL/DH pins to the MOSFETs
to reduce parasitic impedance; the low-side MOSFET is
most critical. Maintain a length to width ratio of <20:1
for gate drive signals. Use multiple vias as required for
current handling (and to reduce parasitics) if routed on
more than one layer.
When placing the power components, also be aware
that the VOUT signal must route back to the analog
components. It is important that this feedback signal not
cross the DH/DL/BST or other high-noise power signals.
Place and rotate the power components in a way that
allows the VOUT trace to get from the output capacitor to
the analog components without crossing the high-noise
power signals (DH/DL/BST, etc).
The analog components are those which connect to the
FB and VOUT pins. The FB pins are sensitive so the copper
area of these traces should be minimized. Components
connected to FB should be placed directly near the IC and
should not be placed over or near the gate drive or power
signals (DL/DH/BST/ILIM/LX/VDD).
Overall placement should look similar to this:
Figure 18
The connection between power ground (PAD) and analog
ground (RTN) should be done at a single point directly at
the IC. The analog components should be placed in their
own ground island which connects to the PAD directly at
the IC, and all analog components should connect directly
to this island.
The VDD supply decoupling capacitors should connect to
the IC with short traces, with multiple vias if needed.
Connect the ILIM traces to the low-side MOSFET directly
at the drain pins, and route these traces over to the ILIM
resistor on another layer if needed.
Route the VOUT/FB feedback traces in a “quiet” layer, away
from noise sources. Avoid routing near any of the high-
noise switching signals or other noise sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com