Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 8Page - Semtech Corporation SC415 Datasheet HTML 9Page - Semtech Corporation SC415 Datasheet HTML 10Page - Semtech Corporation SC415 Datasheet HTML 11Page - Semtech Corporation SC415 Datasheet HTML 12Page - Semtech Corporation SC415 Datasheet HTML 13Page - Semtech Corporation SC415 Datasheet HTML 14Page - Semtech Corporation SC415 Datasheet HTML 15Page - Semtech Corporation SC415 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SC415
12
Applications Information (continued)
Smart Psave Protection
In some applications, active loads on VOUT can leak
current from a higher voltage and thereby cause VOUT to
slowly rise and reach the OVP threshold, causing a hard
shutdown; the SC415 uses Smart Power Save to prevent
this. When the output voltage exceeds 8% above nominal
(810mV at FB), that converter then exits PSAVE (if already
active), and DL drives high to energize the low-side
MOSFET. This will draw current from VOUT via the inductor
causing VOUT to fall. When FB drops to the 750mV trip
point, a normal TON switching cycle begins. This method
cycles energy from VOUT back to VIN and prevents a hard
OVP shutdown, and also minimizes operating power
by avoiding continuous conduction-mode operation.
If a light load is present, DH/DL switching continues for
8 consecutive cycles and then the IC re-turns to PSAVE
mode to reduce operating power.
Current Limit
Current limiting can be accomplished in two ways. The
RDSON of the lower MOSFET can be used as a current
sensing element, or a sense resistor at the lower MOSFET
source can be used if greater accuracy is needed. RDSON
sensing is more efficient and less expensive. In both
cases, the RILIM resistor sets the over-current threshold.
RILIM connects from the ILIM pin to either the lower
MOSFET drain (for RDSON sensing) or the high side of the
current-sense resistor. RILIM connects to a 10μA current
source from the ILIM pin which turns on when the low-
side MOSFET turns on (DL is high). If the voltage drop
across the sense resistor or low-side MOSFET exceeds
the voltage across RILIM, then the voltage at the ILIM
pin will be negative or below GND, and current limit will
activate. The high-side MOSFET is not allowed to turn on
until the voltage drop across the sense resistor or MOSFET
falls below the voltage across the RILIM resistor (ILIM pin
reaches GND). If the overload at the output continues, the
DH pulses will get farther apart, and the output voltage
will fall. Eventually the output will fall enough to cause FB
to drop to 525mV, activating the under-voltage protection
and shutting down the converter.
The current sensing scheme actually regulates the
inductor valley current, (see Figure 4). This means that if
the current limit is set to 10A, the peak current through
the inductor would be 10A plus the peak ripple current,
and the average current through the inductor would be
10A plus ½ the peak-to-peak ripple current.
Figure 4
The RDSON sensing circuit is shown in Figure 5 with RILIM
= R1 and RDSON of Q2.
Figure 5
I LIMIT
I LOAD
IPEAK
TIME
Valley Current Limit
D1
VOUT
+5V
VIN
+
C1
Q2
+
C3
D2
R1
PAD
DL
VDD
ILIM
LX
DH
BST
C2
Q1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com