Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 12 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 12 Page - Rohm

Back Button BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm BA7207AS Datasheet HTML 15Page - Rohm BA7207AS Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Video ICs
BA7207AS / BA7207AK
•Circuit operation
(1) Recording system (REC)
The input to REC IN is passed through the 4.3MHz BPF-A to remove unwanted frequency components, and is flat-
tened by REC BELL which has an anti-bell characteristic. The flattened signal is wave-shaped by the limiter amplifer,
and processed by the divide-by-four and sync gate circuits. Finally, unwanted frequency components are removed
by the 1.1MHz BPF and the REC EQ prepares the signal for recording playback and the signal is output on REC
OUT. Refer to Fig. 3.
1
26
24
(
)
(
)
(
)
(
)
28
4.3MHz
BPF - A
REC
BELL
LIMAMP
1.1MHz
BPF
÷ 4
REC
SYNC
GATE
REC
EQ
AMP
RECOUT
BA7207AS
(BA7207AK)
100pF
Composite video signal
Fig. 3
33
27
31
40
(2) Playback system (PB)
The input to PB IN is passed through the 1.1MHz BPF to remove unwanted frequency components, and is flattened
by the PB EQ circuit. The amplitude of the flattened signal fixed by the 1st-stage limiter amplifier, and the frequency
is multiplied by four by the multiplier circuit. Unwanted frequency components generated by the multiplier circuit are
removed by the 2.2MHz BPF and 4.3MHz BPF-A. The signal is wave-shaped by the limiter amplifier, and has gate
applied to it by the sync gate circuit then is passed through the 4.3MHz BPF-B to remove unwanted frequency com-
ponents. The PB BELL circuit restores the original bell characteristic and the signal is output on PB OUT. Refer to
Fig. 4.
18
1.1MHz
BPF
PB
EQ
LPF
LIMAMP
2.2MHz
BPF
4.3MHz
BPF - A
× 2
× 2
AMP
BA7207AS
(BA7207AK)
RF chroma signal
24
26
6
8
11
PB
SYNC
GATE
AMP
AMP
PBOUT
LIMAMP
4.3MHz
BPF - B
PB
BELL
TRAP
fc 2.2MHz
Fig. 4
2
5
10
31
27
20
(
)
(
)
(
)
(
)
(
)
(
)
(3) Sync gate timing circuit
REC and PB SYNC gate operation is as follows. The gate closes closes in synchronous with the SYNC IN input
pulse during the synchronous signal pulse (SYNC) horizontal scan interval (64
µs period). During vertical retrace
(32
µS period), the input pulse period becomes shorter than the horizontal scan interval. This is detected by the built-
in vertical synchronous detector circuit which closes the gate. Refer to Fig. 5.
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
Horizontal scan interval
Vertical retrace interval
4
µs
64
µs
32
µs
SYNCIN
REC / PBOUT
Fig. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com