Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 9 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 9 Page - Rohm

Back Button BA7207AS Datasheet HTML 5Page - Rohm BA7207AS Datasheet HTML 6Page - Rohm BA7207AS Datasheet HTML 7Page - Rohm BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Video ICs
BA7207AS / BA7207AK
•Reference design data
(unless otherwise noted, Ta = 25°C, VCC = 5.0V, fo (REC BELL) = 4.286MHz, fo (PB EQ) = 1.0715MHz)
Parameter
Symbol
Unit
Conditions
Min.
Typ.
Max.
1.1MHz gain
0.5MHz suppression ratio
3.2MHz suppression ratio
Groupe delay time
2.2MHz gain
1.1MHz suppression ratio
3.2MHz suppression ratio
Groupe delay time
4.3MHz gain
3.2MHz suppression ratio
5.5MHz suppression ratio
Groupe delay time
4.3MHz gain
3.5MHz suppression ratio
5.2MHz suppression ratio
Groupe delay time
4.3MHz gain
4.1MHz suppression ratio
4.5MHz suppression ratio
4.3MHz gain
4.1MHz gain
4.5MHz gain
Center frequency ratio
1.1MHz gain
1.0MHz suppression ratio
1.2MHz suppression ratio
1.1MHz gain
1.0MHz gain
1.2MHz gain
Center frequency ratio
GF11
—
1.0
—
dB
GF12
—
– 4.0
—
dB
GF13
—
– 30.0
—
dB
370
420
470
nS
GF21
—
– 6.0
—
dB
GF22
——
dB
GF23
—
– 25.0
– 25.0
—
dB
DF2
180
230
280
ns
GF31
—
7.0
—
dB
GF32
—
– 3.0
—
dB
GF33
—
– 3.0
—
dB
DF3
160
210
260
nS
GF41
—
9.0
—
dB
GF42
—
– 3.0
—
dB
GF43
—
– 3.0
—
dB
DF4
250
300
350
nS
GRB1
——
dB
GRB2
——
dB
GRB3
——
dB
GPB1
——
dB
GPB2
——
dB
GPB3
——
dB
– 10
1
%
GRE1
——
dB
GRE2
——
dB
GRE3
——
dB
GPE1
——
dB
GPE2
——
dB
GPE3
——
dB
dfOE
– 10
1
%
dfOB
19.5
– 5.0
– 5.5
– 19.5
5.0
5.5
19.5
– 8.0
– 11.0
– 19.5
8.0
11.0
VIN= 0.3VP-P, 1.0715MHz
VIN= 0.3VP-P, 0.5MHz
VIN= 0.3VP-P, 3.2145MHz
VIN= 0.3VP-P, 1.0715MHz
VIN= 0.3VP-P, 2.143MHz
VIN= 0.3VP-P, 1.0715MHz
VIN= 0.3VP-P, 3.2145MHz
VIN= 0.3VP-P, 2.143MHz
VIN= 0.1VP-P, 4.286MHz
VIN= 0.1VP-P, 3.2MHz
VIN= 0.1VP-P, 5.5MHz
VIN= 0.1VP-P, 4.286MHz
VIN= 0.1VP-P, 4.286MHz
VIN= 0.1VP-P, 3.5MHz
VIN= 0.1VP-P, 5.2MHz
VIN= 0.1VP-P, 4.286MHz
VIN= 0.3VP-P, 4.286MHz
VIN= 0.3VP-P, 4.1MHz
VIN= 0.3VP-P, 4.5MHz
VIN= 0.3VP-P, 4.286MHz
VIN= 0.3VP-P, 4.1MHz
VIN= 0.3VP-P, 4.5MHz
VIN= 0.3VP-P, 1.0715MHz
VIN= 0.3VP-P, 1.0MHz
VIN= 0.3VP-P, 1.2MHz
VIN= 0.3VP-P, 1.0715MHz
VIN= 0.3VP-P, 1.0MHz
VIN= 0.3VP-P, 1.2MHz
dfOE = (fO (REC) – fO (PB) ) / fO (PB)
dfOB = (fO (PB) – fO (REC) ) / fO (REC)
DF1
〈1.1MHzBPF〉
〈2.2MHzBPF〉
〈4.3MHz BPF - A〉
〈4.3MHz BPF - B〉
〈REC BELL〉
〈PB BELL〉
〈PB EQ〉
〈REC EQ〉



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com