Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 8 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 8 Page - Rohm

Back Button BA7207AS Datasheet HTML 4Page - Rohm BA7207AS Datasheet HTML 5Page - Rohm BA7207AS Datasheet HTML 6Page - Rohm BA7207AS Datasheet HTML 7Page - Rohm BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Video ICs
BA7207AS / BA7207AK
Parameter
Symbol
Unit
Conditions
Max.
Min.
Typ.
– 2.8
0.7
4.2
dB
Fig.1
– 6.5
– 3.0
0.5
dB
Fig.1
—
– 35.0 – 26.0
dB
Fig.1
– 11.3
dB
Fig.1
dB
Fig.1
dB
Fig.1
GRB1
dB
Fig.1
GRB2
dB
Fig.1
GRB3
dB
Fig.1
GPB1
dB
Fig.1
GPB2
dB
Fig.1
GPB3
dB
Fig.1
GRE1
dB
Fig.1
GRE2
dB
Fig.1
GRE3
dB
Fig.1
GPE1
dB
Fig.1
GPE2
– 5.1
– 1.6
1.9
dB
Fig.1
GPE3
dB
Fig.1
GF11
GF12
GF13
GF31
GF32
GF33
V18= 25mVP-P, 1.0715MHz
V18= 25mVP-P, 0.5MHz
V18= 25mVP-P, 3.2145MHz
V1 = 500mVP-P, 4.286MHz
V1 = 500mVP-P, 3.2MHz
V1 = 500mVP-P, 5.5MHz
V1 = 170mVP-P, 4.286MHz
V1 = 170mVP-P, 4.1MHz
V1 = 170mVP-P, 4.5MHz
V1 = 800mVP-P, 4.286MHz
V1 = 800mVP-P, 4.1MHz
V1 = 800mVP-P, 4.5MHz
V18= 95mVP-P, 1.0715MHz
V18= 95mVP-P, 1.0MHz
V18= 25mVP-P, 1.0715MHz
V18= 25mVP-P, 1.0MHz
V18= 25mVP-P, 1.2MHz
V18= 95mVP-P, 1.2MHz
– 16.1
– 14.0
– 7.8
– 12.6
– 10.5
– 4.3
– 9.1
– 7.0
6.3
0
– 0.2
– 3.7
– 3.5
2.8
– 7.2
– 7.0
– 0.7
– 20.9
– 16.2
– 15.3
– 17.4
– 12.7
– 11.8
– 13.9
– 9.2
– 8.3
– 4.0
– 0.5
3.0
11.1
13.7
7.6
10.2
6.7
4.1
2.5
– 8.9
6.0
– 5.4
9.5
– 1.9
[Filter block]
〈1.1MHz BPF characteristic〉
1.1MHz voltage gain
0.5MHz voltage gain
3.2MHz voltage gain
〈4.3MHz BPF - A characteristic〉
4.3MHz voltage gain
3.2MHz voltage gain
5.5MHz voltage gain
〈REC BELL + 4.3MHz BPF - A characteristic〉
4.3MHz voltage gain
4.1MHz voltage gain
4.5MHz voltage gain
〈PB BELL + 4.3MHz BPF - A characteristic〉
4.3MHz voltage gain
4.1MHz voltage gain
4.5MHz voltage gain
〈REC EQ + 1.1MHz BPF characteristic〉
1.1MHz voltage gain
1.0MHz voltage gain
1.2MHz voltage gain
〈PB EQ + 1.1MHz BPF characteristic〉
1.1MHz voltage gain
1.0MHz voltage gain
1.2MHz voltage gain
Measurement
circuit
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5.0V, delayed sync input)
Parameter
Symbol
Unit
Conditions
Min.
Typ.
Max.
REC sync-gate phase
PB sync-gate phase
REC sync-gate amplitude
PB sync-gate amplitude
TDR
2.4
µs
TDP
1.6
µs
TWR
4.9
5.2
5.5
µs
TWP
6.1
6.4
6.7
µs
DIV (pin 14 / pin 15), REC mode
MUL (pin 2 / pin 42), PB mode
DIV (pin 15 / pin 14), REC mode
MUL (pin 2 / pin 42), PB mode
The pin numbers in brackets are for the BA7207AS and the BA7207AK respectively.
1.3
0.5
3.5
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com