Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 16 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 16 Page - Rohm

Back Button BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm BA7207AS Datasheet HTML 15Page - Rohm BA7207AS Datasheet HTML 16Page - Rohm BA7207AS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
Video ICs
BA7207AS / BA7207AK
FADJ1 RESISTANCE VALUE: RADJ1 (k
Ω)
7.5
8.0
8.5
9.0
9.5
1.3
1.2
1.1
1.0
0.9
Fig. 9 REC / PB EQ fO
frequency adjustment
range
•Electrical characteristic curves
1PIN REC IN LEVEL: VIREC (mVP-P)
fo
Conditions
VCC = 5.0V
fo = 4.286MHz
V = 170mVP-P
0
4.15
4.20
4.25
4.30
4.35
4.40
100
200
300
400
500
Fig. 11 REC / BELL fO
frequency variation
FADJ2 RESISTANCE VALUE: RADJ2 (k
Ω)
7.5
8.0
8.5
9.0
9.5
5.5
5.0
4.5
4.0
3.5
Fig. 10 REC / PB BELL fO
frequency adjustment
range
18PIN PB IN LEVEL: VIPB (mVP-P)
fo
Conditions
VCC = 5.0V
fo = 1.0715MHz
V = 25mVP-P
1.04
1.05
1.06
1.07
1.08
1.09
0
20
40
60
80
100
Fig. 12 PB EQ fO frequency
variation characteristics
FREQUENCY: f (MHz)
2MHz component
1MHz
component
3MHz
component
6MHz component
8MHz component
7MHz
component
5MHz
component
Fundamental frequency
component
PB IN
f = 1.0715MHz
V = 25mVP-P
02
4
6
8
10
13
5
7
9
– 110
– 100
– 90
– 80
– 70
– 60
– 50
– 40
– 30
– 20
– 10
Fig. 14 PB OUT spurious
characteristics
FREQUENCY: f (MHz)
Fundamental
frequency
component
2MHz
component
3MHz
component
4MHz
component
RECIN
f = 4.286MHz
V = 170mVP-P
– 10
– 20
– 30
– 40
– 50
– 60
– 70
– 80
– 90
– 100
– 110
0
1.0
2.0
3.0
4.0
5.0
Fig. 13 REC OUT spurious
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com