Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 11 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 11 Page - Rohm

Back Button BA7207AS Datasheet HTML 7Page - Rohm BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm BA7207AS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Video ICs
BA7207AS / BA7207AK
A
~
~
~
~
~
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
+
+
PAL
0.1
µ
0.1
µ
0.1
µ
VCC
VCC
I23
47
µ
0.1
µ
0.01
µ
100p
SG16
SW16
2
1
OSC18
SW18
2
1
OSC14
VCC
SW14a
2
1
SW15
REC SG OUT
SGC
PB OUT
AMP OUT
PB SG OUT
2
3.3k
1
0.01
µ
0.47
µ
0.01
µ
12
µ
0.01
µ
0.1
µ
0.01
µ
47
µ
27p
OSC30
VCC
VREG
SW30a
SW30b
REC OUT
1N
2
12
OSC1
560p
470
470
SW8
OSC8
100k
33k
10k
12
3
4700p
0.01
µ
SCM
VREG
× 2
× 2
÷ 4
LIM
LIM
VCC
P
P
P
R
P
P
R
R
P
R
R
EQ
DET
VCO
SCM PAL
BELL
FREQUENCY
ADJUSTER
SYNC GATE
TIMING
GENERATOR
1.1MHz
BPF
2.2MHz
BPF
4.3MHz
BPF—A
4.3MHz
BPF—B
PB
SYNC GATE
REC
SYNC GATE
R
MODE
CONTROL
SW3
SW4
2k
2k
7.5k
7.5k
8.5k
3.9k
8.5k
VR1
VR2
12
12
SW2
12
VCC
SW21
1N
2
SW19
1N
2
SW4b
1.5V
2.5V
1N
2
Fig. 2
BA7207AK (QFP44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com