Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 7 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 7 Page - Rohm

Back Button BA7207AS Datasheet HTML 3Page - Rohm BA7207AS Datasheet HTML 4Page - Rohm BA7207AS Datasheet HTML 5Page - Rohm BA7207AS Datasheet HTML 6Page - Rohm BA7207AS Datasheet HTML 7Page - Rohm BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Video ICs
BA7207AS / BA7207AK
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
IREC
39.2
56.0
72.8
mA
REC mode
Fig.1
IPB
46.9
67.0
87.1
mA
PB mode
VREG
2.38
2.53
2.68
V
Fig.1
fosc
13.8
15.625
17.4
Fig.1
CRH
1.8
——
kHz
Fig.1
CRL
—
—
– 1.8
kHz
Fig.1
LRH
2.2
——
kHz
Fig.1
LRL
—
—
– 2.2
kHz
Fig.1
VREC
mVP-P
Cyan level (cyan frequency)
Fig.1
HDR4
—
—
– 25
Fig.1
HDR3
—
—
– 25
dB
Fig.1
HDR2
—
—
– 25
dB
Fig.1
GRS
– 1
0
1
dB
Fig.1
fRS
– 1
0
1
dB
Fig.1
CTR1
—
– 60
—
dB
Fig.1
CTR2
—
– 60
—
dB
Fig.1
VPB
Cyan level (cyan frequency)
Fig.1
HDP3
—
—
– 35
dB
Fig.1
HDP2
—
—
– 35
dB
Fig.1
HDP1
—
—
– 35
dB
Fig.1
GP1
5
6
7
dB
Fig.1
fP1
– 1
0
1
dB
Fig.1
CTP1
—
– 60
—
dB
Fig.1
GP2
– 1
0
1
dB
Fig.1
– 1
0
1
dB
Fig.1
CTP2
—
– 60
—
dB
V14 = 0.3VP-P, 4.43MHz
Fig.1
CTRIN
—
– 40
– 30
dB
Fig.1
2.5
——
V
Fig.1
VL
——
1.5
V
Fig.1
fP2
VH
Pins 14, 17, 19, 21 and 30
(Pins 13,18,21,23 and 35)∗
Pins 14, 17, 19, 21 and 30
(Pins 13,18,21,23 and 35)∗
V1 = 0.5VP-P, 4.286MHz
V14 = 0.3VP-P, 5MHz / 100kHz
V8 = 0.3VP-P, 4.3MHz
V8 = 0.3VP-P, 5MHz / 100kHz
V8 = 0.3VP-P, 4.3MHz
mVP-P
V30 = 0.3VP-P, 627kHz
V18 = 25mVP-P, 1.0715MHz
V30 = 0.3VP-P, 5MHz / 100kHz
V30 = 0.3VP-P, 627kHz
V14 = 0.3VP-P, 4.43MHz
Fig.1
kHz
Delayed sync input
Delayed sync input
Delayed sync input
Delayed sync input
V1 = 170mVP-P, 4.286MHz
V1 = 170mVP-P, 4.286MHz
V1 = 170mVP-P, 4.286MHz
dB
V18 = 25mVP-P, 1.0715MHz
V18 = 25mVP-P, 1.0715MHz
V18 = 25mVP-P, 1.0715MHz
187.5
250.0
312.5
202.5
270.0
337.5
[Total device]
REC mode supply current
PB mode supply current
Regulator voltage
[Sync-gate block]
VCO free-running frequency
Capture range "H"
Capture range "L"
Lock range "H"
Lock range "L"
[REC system]
RECOUT output amplitude
Unwanted spectrum rejection
4MHz component
3MHz component
2MHz component
Output switch voltage gain
Output switch frequency characteristic
Output switch crosstalk 1
Output switch crosstalk 2
[PB system]
PB output amplitude
Unwanted spectrum rejection
3MHz component
2MHz component
1MHz component
Output switch voltage gain 1
Output switch frequency characteristic 1
Output switch crosstalk 1
Output switch voltage gain 2
Output switch frequency characteristic 2
Output switch crosstalk 2
RECIN crosstalk
[Control system]
High level voltage
Low level voltage
∗ BA7207AK pin numbers are given in brackets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com