Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7207AS Datasheet(PDF) 14 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 14 Page - Rohm

Back Button BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm BA7207AS Datasheet HTML 15Page - Rohm BA7207AS Datasheet HTML 16Page - Rohm BA7207AS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Video ICs
BA7207AS / BA7207AK
Fig. 7
∗
∗
∗
∗
∗
33
32
31
29
30
28
27
25
24
23
22
21
20
18
16
13
12
15
17
19
34
35
36
38
40
42
43
44
41
39
37
26
1
2
3
5
4
6
10
11
BA7207AK (QFP44)
PAL
0.1
µ
0.01
µ
0.01
µ
0.1
µ
0.01
µ
100
µ
47
µ
0.01
µ
0.01
µ
0.1
µ
LPF
100p
∆
∆
∆
0.47
µ
0.01
µ
0.01
µ
12
µ
580p
0.1
µ
1k
VR3
VR2
100k
33k
10k
4700p
0.01
µ
SCM
Vreg
× 2
× 2
÷ 4
LIM
LIM
VCC
P
P
P
R
P
P
R
R
P
R
R
EQ
DET
VCO
SCM PAL
BELL
FREQUENCY
ADJUSTER
SYNC GATE
TIMING
GENERATOR
1.1MHz
BPF
2.2MHz
BPF
4.3MHz
BPF—A
4.3MHz
BPF—B
PB
SYNC GATE
REC
SYNC GATE
R
MODE
CONTROL
2k
7.5k
VR
VR1
2k
7.5k
VR
100p
47
µ
27p
PAL REC C.
REC C OUT.
VCC
SCM/PAL
REC/PB
PBIN
B/W
SYNC IN
PALPB C.
PB C OUT
RECIN
∆
+
+
To cancel the temperature characteristic of the ID, the resistors marked with asterisks should be of the metal film, and have a
temperature coefficient
± 100ppm / °C.
∆: Test pin. Connect to VCC if unused.
The 100pF capacitor connected to pin 16 is intended to reduce temperature disper of the gate phase.It should have a static
capacitance tolerance of
± 10% or Ic and a temperature coefficient of ± 30ppm / °C ( – 55°C to + 125°C) A (CG).
∗
14
7
9
8
•Control pin logic
Pin
Low
High (Open)
REC / PB setting switch
Output select switch
Chroma killer switch
RECH (19pin / 21pin)
PB
REC
CTL (21pin / 23pin)
PAL
SECAM
BWL (17pin / 18pin)
(BA7207AS / BA7207AK)
Chroma killer
NORMAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com