Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 12 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 12 Page - Rohm

Back Button BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm BH7634AS Datasheet HTML 10Page - Rohm BH7634AS Datasheet HTML 11Page - Rohm BH7634AS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Multimedia ICs
BH7634AS
– 25
0
25
100k
1M
10M
100M
FREQUENCY: f
(Hz)
Fig. 3 Video output (pins 20, 23) frequency
characteristics
– 25
0
25
1k
10k
100k
1M
10M
FREQUENCY: f
(Hz)
Fig. 6 Audio output (pin 16) frequency
characteristics
– 25
0
25
100k
1M
10M
100M
FREQUENCY: f
(Hz)
Fig. 4 Video output (pins 21, 22) frequency
characteristics
– 25
0
25
1k
10k
100k
1M
10M
FREQUENCY: f
(Hz)
Fig. 5 Audio output (pins 15, 17) frequency
characteristics
•Electrical characteristic curves
SDIP24
0.3 ± 0.1
7.62
22.9
± 0.3
0.5
± 0.1
1.778
13
12
24
1
0
° ~ 15°
•External dimensions (Units: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com