Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 3 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 3 Page - Rohm

  BH7634AS Datasheet HTML 1Page - Rohm BH7634AS Datasheet HTML 2Page - Rohm BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Multimedia ICs
BH7634AS
•Pin descriptions
Pin No.
3
4
2
1
VTUNIN
DRVVCC
5
VEXTIN
6
GND
7
ADECIN
8
FSCOUT
9
AEXTIN
10
AUXCTL1
11
ATUNIN
12
AUXCTL2
13
SDA
14
SCL
15
ADECOUT
16
AVTROUT
17
AEXTOUT
18
AVTRIN
19
VCC
20
VDECOUT
21
VVPSOUT
22
VVTROUT
23
VEXTOUT
24
VVTRIN
DRVGND
VDECIN
Composite video signal input (sink chip clamp).
The driver power supply. Not internally connected to VCC (pin 19).
The driver ground. Not internally connected to the ground (pin 6).
Pin name
Composite video signal input (sink chip clamp).
Ground
Audio signal input.
Outputs one of three values (11.8V, 5.9V or 0.2V) as controlled by the I2C BUS.
Audio signal input.
Open collector. Normally pulled up to roughly 10k.
Audio signal output.
Open collector. Normally pulled up to roughly 10k.
I2C BUS Serial Data input.
I2C BUS Serial Clock input.
Audio output.
Audio output.
Audio output.
Audio input.
Power supply.
Composite video signal output.
Composite video signal output.
Composite video signal output.
Composite video signal output.
Composite video signal input (sink chip clamp).
Composite video signal input (sink chip clamp).
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com