Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 5 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 5 Page - Rohm

  BH7634AS Datasheet HTML 1Page - Rohm BH7634AS Datasheet HTML 2Page - Rohm BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Multimedia ICs
BH7634AS
50
µA
100
50
µA
1k
Pin name
External control
An open collector. Normally
pulled up with a (roughly)
10k
Ω resistor.
I2C BUS data input
For serial data input
compliant with the I2C BUS.
I2C BUS clock input
For clock input compliant
with the I2C BUS.
Typ.
voltage
I / O equivalent circuits
Pin description
Pin No.
10
12
AUXCTL1
AUXCTL2
13
SDA
14
SCL
—
™
—
™
——
™
——
IN
OUT
500
µA
15
17
ADECOUT
AEXTOUT
16
AVTROUT
—
™
6V
—
™
5.3V
Audio signal output
Outputs the audio signal.
ADECOUT and AEXTOUT
are respectively for decoder
output and external output.
Audio signal output
Outputs the audio signal.
AVRTOUT outputs to the
signal processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com