Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 1 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 1 Page - Rohm

  BH7634AS Datasheet HTML 1Page - Rohm BH7634AS Datasheet HTML 2Page - Rohm BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Multimedia ICs
Audio / video switch for CANAL - Plus
decoder
BH7634AS
The BH7634AS is one-chip IC that contains audio and video switches that support 21-pin SECAM and PAL connec-
tors.
The I2C BUS for switch control simplifies applications, while the two expansion ports allow up to two external inputs.
•Applications
VCRs
•Features
1) I2C BUS control.
2) Video input is sync tip clamped, and includes a
small-capacity (0.022
µF) input capacitor.
3) Three FSCOUT values.
4) Two expansion ports.
5) Audio mute function.
6) 75
Ω driver output (pins 20 and 23) requires no
attached capacitor.
•Absolute maximum ratings (Ta = 25°C)
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗ Reduce by 12mW for each increase in Ta of 1°C over 25°C.
Parameter
Symbol
Limits
Unit
VCC
13.5
V
Pd
1200
mW
Topr
– 25 ~ + 60
°C
Tstg
– 55 ~ + 125
°C
•Recommended operating conditions (Ta = 25°C)
Parameter
VCC
8.5
13
V
12
Symbol
Min.
Typ.
Max.
Unit
Operating power supply voltage


Similar Part No. - BH7634AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76330FV ROHM-BH76330FV Datasheet
871Kb / 33P
Video Drivers with Built-in Low Voltage operation Single Video Switchers
BH76330FVM ROHM-BH76330FVM Datasheet
871Kb / 33P
Video Drivers with Built-in Low Voltage operation Single Video Switchers
BH76331FV ROHM-BH76331FV Datasheet
871Kb / 33P
Video Drivers with Built-in Low Voltage operation Single Video Switchers
BH76331FVM ROHM-BH76331FVM Datasheet
871Kb / 33P
Video Drivers with Built-in Low Voltage operation Single Video Switchers
BH76332FV ROHM-BH76332FV Datasheet
871Kb / 33P
Video Drivers with Built-in Low Voltage operation Single Video Switchers
More results

Similar Description - BH7634AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7630S ROHM-BA7630S Datasheet
170Kb / 12P
Video switch for CANAL-Plus decoder
BA7631 ROHM-BA7631 Datasheet
75Kb / 7P
Video switch for CANAL-Plus decoder
BA7632AF ROHM-BA7632AF Datasheet
63Kb / 5P
Video switch for CANAL-Plus decoder
logo
Synaptics Incorporated.
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
PCl Audio/Video Broadcast Decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
Video Switch for Canal
L64105 ETC1-L64105 Datasheet
4Mb / 454P
AUDIO/VIDEO DECODER
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
Audio-Video Switch
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
logo
Synaptics Incorporated.
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
8-Channel Audio/Video Decoder for Surveillance Systems
logo
Intersil Corporation
TW2865-LA3-GR INTERSIL-TW2865-LA3-GR Datasheet
464Kb / 2P
4-Channel Video Decoder and Audio Codec plus Video Encoder for Security Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com