Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 2 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 2 Page - Rohm

  BH7634AS Datasheet HTML 1Page - Rohm BH7634AS Datasheet HTML 2Page - Rohm BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Multimedia ICs
BH7634AS
•Block diagram
VEDC IN
1
DRVGND
2
VTUNIN
3
DRVVCC
4
VEXTIN
5
GND
6
ADECIN
7
FSCOUT
8
AEXTIN
9
AUXCTL1
10
ATUNIN
11
AUXCTRL2
AUXCTL2
AUXCTL2
FOR SW
I
2C BUS
CONTROL
AUXCTL1
AUXCTL1
CURRENT
LIMITER
6.0V
REG
VCC
VCC
12
VVTRIN
24
VEXTOUT
DRIVER
DRIVER
BUFFER
BUFFER
BUFFER
BUF FER
BUF FER
23
VVTROUT
22
VVPSOUT
21
VDECOUT
20
VCC
19
AVTRIN
18
AEXTOUT
17
AVTROUT
16
ADECOUT
15
SCL
14
SDA
13
A
B
VSW1
A
B
C
VSW2
A
B
C
VSW3
A
B
ASW1
A
B
C
ASW2
A
B
C
ASW3
MUTE
6dB
6dB
CLAMP
CLAMP
CLAMP
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com