Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 11 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 11 Page - Rohm

Back Button BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm BH7634AS Datasheet HTML 10Page - Rohm BH7634AS Datasheet HTML 11Page - Rohm BH7634AS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Multimedia ICs
BH7634AS
123
VCC
,
456789
10
VCC
11
AUXCTL2
AUXCTL2
FOR SW
I
2C BUS
CONTROL
AUXCTL1
AUXCTL1
CURRENT
LIMITER
6.0V
REG
VCC
CLAMP
CLAMP
CLAMP
VCC
12
24
23
22
21
20
VCC
19
18
17
16
15
14
13
CLAMP
AB
VSW1
AB
C
VSW2
AB
C
VSW3
AB
ASW1
AB
C
ASW2
AB
C
ASW3
MUTE
6dB
6dB
MICROCONTROLLERS
Fig. 2
•Application example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com