Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7634AS Datasheet(PDF) 7 Page - Rohm

Part # BH7634AS
Description  Audio / video switch for CANAL - Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7634AS Datasheet(HTML) 7 Page - Rohm

Back Button BH7634AS Datasheet HTML 3Page - Rohm BH7634AS Datasheet HTML 4Page - Rohm BH7634AS Datasheet HTML 5Page - Rohm BH7634AS Datasheet HTML 6Page - Rohm BH7634AS Datasheet HTML 7Page - Rohm BH7634AS Datasheet HTML 8Page - Rohm BH7634AS Datasheet HTML 9Page - Rohm BH7634AS Datasheet HTML 10Page - Rohm BH7634AS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Multimedia ICs
BH7634AS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC
30
46
62
mA
VFSCH
11.0
11.8
12.0
V
RL = 10k
Ω
VFSCM
5.2
5.9
6.8
V
RL = 10k
Ω
VFSCL
0
0.2
1.0
V
RL = 10k
Ω
IFSC
—
—
20
mA
VFSCO = 0V
ISYN
1.0
—
—
mA
RL = 10k
Ω
VAUXL
0
0.2
1.0
V
RL = 10k
Ω
GVV
– 1
0
1
dB
VIN = 1VP-P
, f = 4.43MHz
VF
– 3
0
1
dB
VIN = 1VP-P
, f = 100k / 7MHz
GVA
– 1
0
1
dB
VIN = 1Vrms
, f = 1kHz
VOMA
3.0
3.6
—
Vrms
f = 1kHz
, THD = 0.5%
THD
—
0.005
0.1
%
VIN = 1Vrms
, f = 1kHz
VMin.
—
20
100
µVrms
DIN AUDIO Rg = 600
Ω
ZIN
40
50
60
k
Ω
∆VOF
—
—
20
mV
VH
3.0
—
—
V
VL
0
—
1.5
V
〈Device〉
Supply current
FSCOUT voltage, H
FSCOUT voltage, M
FSCOUT voltage, L
FSCOUT restriction current
External controller sink current
External controller voltage, L
〈Video switches〉
Voltage gain
Frequency characteristics
〈Audio switches〉
Voltage gain
Maximum output level
Total harmonic distortion
Input conversion noise voltage
Input impedance
Offset voltage
〈Control〉
"H" level voltage
"L" level voltage
Note: Supports I2C BUS input.
No signal
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 12V)
〈Video switches〉
Interchannel crosstalk
Secondary harmonics
Tertiary harmonics
〈Audio switches〉
Interchannel crosstalk
Mute attenuation
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
CTV
—
– 70
– 50
dB
VIN = 1VP-P, f = 4.43MHz
HD2
—
– 45
– 40
dB
VIN = 1VP-P, f = 4.43MHz
HD3
—
– 50
– 45
dB
VIN = 1VP-P, f = 4.43MHz
CTA
—
– 90
– 70
dB
VIN = 1Vrms, f = 1kHz
VMTA
—
– 90
– 70
dB
VIN = 1Vrms, f = 1kHz
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com