Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 8 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 8 Page - Sames

Back Button SA545 Datasheet HTML 4Page - Sames SA545 Datasheet HTML 5Page - Sames SA545 Datasheet HTML 6Page - Sames SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
sames
SA545
8/18
Simultaneous Key Depressions: If two keys are pressed simultaneously (i.e. a
second key is pressed before the first has been verified), neither key will be accepted
until both keys are released and the correct key is pressed again.
Table 2 indicates the keypad layout for the SA54X5 family.
C1
C2
C3
C4
R1
1
2
3
TBR
R2
4
5
6
REDIAL
R3
7
8
9
STORE
R4
∗
0
#
PAUSE
TBR:
Timed Break Recall (Flash)
REDIAL:
Last Number and Repertory Store Redial
STORE:
Enters digits into a Repertory Store
PAUSE:
Enters a pause into a Repertory Store
Table 2: Keypad Layout
4.
Dialling Mode Selection
The dialling mode may be selected via the SELECT pin (pin 2) as detailed in Table
3. Four Loop-Disconnect options are available with different Interdigit pauses (IDP)
and Break:Make ratios. If the DTMF mode is selected, dialling will remain fixed in
the DTMF mode. However, if one of the LD modes is selected, the chip will be in
LD mode in the initial off-hook condition, but may be switched to DTMF by pressing
either the
∗ or # keys, provided that dialling is not in progress. If the ∗ or # keys are
pressed during LD dialling, they will be ignored.
Once in DTMF mode, depression of either the
∗ or # keys will cause the relevant
tone-pair to be output. Only digits entered prior to a DTMF switchover will be stored
and available for redialling (see Last Number Redial operation).
Once switched to DTMF, dialling will remain in this mode until either a Recall (Flash)
operation or until the device returns to the on-hook state.
Select (Pin 2)
Dialling
IDP(ms)
B:M Ratio
Connected to:
Mode
V
SS
LD
800
2:1
C1
LD
500
2:1
C2
LD
500
3:2
C3
LD
800
3:2
V
DD
DTMF
Table 3: Dialling Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com