Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 2 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 2 Page - Sames

  SA545 Datasheet HTML 1Page - Sames SA545 Datasheet HTML 2Page - Sames SA545 Datasheet HTML 3Page - Sames SA545 Datasheet HTML 4Page - Sames SA545 Datasheet HTML 5Page - Sames SA545 Datasheet HTML 6Page - Sames SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
sames
SA545
2/18
Supply Voltage V
DD - VSS
-0,3
6,5
V
Voltage on any pin (except HSW)
V
SS -0,3
V
DD +0,3
V
Voltage on pin HSW
V
SS -0,3
V
See Note 1
Current at any pin
-1
1
mA
(except HSW, FILTOUT and FILTIN)
Current at pin FILTOUT
0
0,1
mA
Current at pin FILTIN
-5
0
mA
Operating Temperature
-25
70
°C
Storage Temperature
-55
125
°C
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This a stress rating only. Functional operation of the device at
these or any other condition above those indicated in the operation sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
Note 1: A diode is internally connected between this pin and V
DD.
Provided current is
externally limited to 300µA max, no damage will occur.
ABSOLUTE MAXIMUM RATINGS *
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com