Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 6 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 6 Page - Sames

Back Button SA545 Datasheet HTML 2Page - Sames SA545 Datasheet HTML 3Page - Sames SA545 Datasheet HTML 4Page - Sames SA545 Datasheet HTML 5Page - Sames SA545 Datasheet HTML 6Page - Sames SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames SA545 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
sames
SA545
6/18
SA545
SA54L5
Designation
Description
10
10
V
DD
Positive Supply input
99
V
SS
Negative Supply input
4
4
OSC OUT
Connections for 560KHz ceramic resonator
5
5
OSC IN
12
14
MUTE
Active high output during keying and tone transmission.
(See Note 1)
3
3
MASK
Output to disable speech circuit during pulse dialling
and recall. (See Note 2)
6
6
FILT IN
Unity gain amplifier input and output for DTMF tone
7
7
FILT OUT
filtering
11
13
MF OUT
DTMF output
1
1
IMP
'Loop disconnect' dialling output. During dialling, a
logic 1 (high level) correponds to loop connection while
a logic 0 (low level) corresponds to loop disconnection.
2
2
SELECT
LD/DTMF selection, IDP and B:M ratio programming
13
15
C1
Column output connections for 16 button single contact
14
16
C2
keypad
15
17
C3
20
22
C4
16
18
R1
Row input connections for 16 button single contact
17
19
R2
keypad
18
20
R3
19
21
R4
8
8
HSW
Hookswitch input. A logic 1 (High) applied to this input
indicates an "off-hook" condition.
-
11
LOCK
Lock Input must be tied to V
SS to disable all keypad keys
(except TBR and LNR). Normal operation is enabled by
connecting LOCK to V
DD.
-
12
N/C
No connection
Note 1: The MUTE output is provided to disable the microphone (via the speech
network) while maintaining the loop condition during DTMF transmission.
Note 2: The MASK output may be used to disconnect the whole speech circuit in order
to maintain the break condition whilst on-hook, during a Timed Break Recall
(TBR) operation or LD dialling.
Table 1: Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com