Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 14 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 14 Page - Sames

Back Button SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames SA545 Datasheet HTML 13Page - Sames SA545 Datasheet HTML 14Page - Sames SA545 Datasheet HTML 15Page - Sames SA545 Datasheet HTML 16Page - Sames SA545 Datasheet HTML 17Page - Sames SA545 Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
sames
SA545
14/18
11. Loop Disconnect Dialling (Figures 5 and 6)
The MASK output is provided in order to disable the speech circuit during LD dialling.
Consequently, the MASK output is normally at logic '1' in the off-hook condition, but
changes to logic '0' during LD dialling. MASK also changes to logic '0' in order to
signal a Timed Break Recall (Flash) to the line. Both MUTE and MF OUT remain
low during LD dialling.
LD dialling is signalled on the IMP output. A break is signalled by a logic '0', make
periods and IDP times are signalled by a logic '1'. When not dialling, the IMP output
remains at logic '0'.
Figure 5: LD Mode Timing Diagram
Figure 6: Detailed Timing for IMP Output
t
1
= Pre-digit Pause (= t
5)
t
2
= Break Period (60ms or 67ms)
t
3
= Make Period (40ms or 33ms)
t
4
= Post-digit Make (= t
3
)
t
5
= Inter-digit Pause (800ms or 500ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com