Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 16 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 16 Page - Sames

Back Button SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames SA545 Datasheet HTML 13Page - Sames SA545 Datasheet HTML 14Page - Sames SA545 Datasheet HTML 15Page - Sames SA545 Datasheet HTML 16Page - Sames SA545 Datasheet HTML 17Page - Sames SA545 Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
sames
SA545
16/18
F.
PIN 12 (SA545)/PIN 14 (SA54L5)
a)
MUTE
b) MUTE
G. LNR Protocol
a)
Numbers entered after * or # are never retained in the LNR store. (Attractive
for banking applications since PIN is not retained).
b) Numbers entered after * or # are retained in the LNR store if initial mode is
set to DTMF.
TYPICAL APPLICATIONS
The circuit in Figure 7 uses a constant current supply to draw current from the
telephone line which is used to power the SA54X5. The 2,5V reference diode
produces a stabilised supply voltage which determines the DTMF tone level of the
SA545.
In Figure 8, a stabilising voltage from the speech circuit is used to supply the SA545
during DTMF dialling to give accurate tone levels.
The SA545 is powered via the 150K
Ω resistor during TBR operations and LD dialling
breaks, and via T1 during dialling makes.
This configuration minimises the
component count, at the expense of allowing a leakage current of about 450µA
during dialling breaks. The 47µF reservoir capacitor maintains and smoothes the
supply to the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com