Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 4 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 4 Page - Sames

  SA545 Datasheet HTML 1Page - Sames SA545 Datasheet HTML 2Page - Sames SA545 Datasheet HTML 3Page - Sames SA545 Datasheet HTML 4Page - Sames SA545 Datasheet HTML 5Page - Sames SA545 Datasheet HTML 6Page - Sames SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
sames
SA545
4/18
Keypad
R1
R2
R3
R4
C1
C2
C3
Nominal frequency (Hz)
697
770
852
941
1209
1336
1477
Deviation from nominal (%)
-,07
-,10
+,19
-,15
-,17
-,20
-,22
There will be an additional error due to any deviation in the oscillator frequency from 560
kHz.
FUNCTIONAL OVERVIEW
The SAMES SA545 is a family of keypad switchable Loop Disconnect (LD)/Dual Tone
multi-Frequency (DTMF) dialler devices for use in low-cost, dual dialling mode telephone
instruments.
The devices feature automatic storage of a single telephone number of up to 24 digits
for Last Number Redial (LNR) purposes as well as10 repertory dialling memories capable
of each storing 24 digits. The low current consumption of the SA545 ensures memory
retention while powered from the line.
Two modes of operation are available. The first is a LD/DTMF mode which operates
normally in LD mode, but can be switched temporarily via the keypad to DTMF mode
during a call. This mode has been optimised for applications such as home banking,
credit-card verification and other applications requiring low speed data communications.
The second mode allows DTMF dialling only.
The Lock function will be described in the Functional Description.
The SA545 family is pin compatible with SAMES SA541 family.
Ordering Information
S A 5 4 X 5 X / X
Lock Option
L : with (22 pin package)
Blank : without (20 pin package)
On-Hook Current Option
3
:
5µA @ 2.5V
6
:
1µA @ 2.5V
9
:
1µA @ 3V
Blank
:
MF Digits dialled after */# not stored
/1 :
All MF digits stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com