Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA545 Datasheet(PDF) 9 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 9 Page - Sames

Back Button SA545 Datasheet HTML 5Page - Sames SA545 Datasheet HTML 6Page - Sames SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames SA545 Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
sames
SA545
9/18
5.
Last Number Redial (LNR)
The function of the on-chip LNR store is to automatically retain a manually dialled
number for redialling later. The capacity of the store is 24 digits. If a number longer
than 24 digits is dialled, redialling will be inhibited.
The LNR store has two features designed to assist the user,viz: Moving Cursor
Facility and Mixed Mode Dialling.
Moving Cursor Facility: This facility is provided to aid use in PABX applications,
where the user must first dial an access digit or digits, and then wait for a second dial-
tone before continuing dialling.
If the first digit(s) of a new number dialled match the contents of the LNR store, then
pressing LNR (redial button twice) will dial out the remaining digits. If there is a
mismatch in the number then redial is inhibited until the next on-hook and the LNR
store will contain the new number. If the user manually dials the first digit(s) matching
those stored in LNR, and then goes on-hook, the whole contents of the store will be
retained.
Mixed Mode Dialling: In the case of a call which starts in LD mode and is switched
by the user (via the
∗ or # keys) to DTMF mode, only the digits dialled in LD mode
will be retained. Provided that the number of digits dialled in LD mode does not
exceed 24, the digits will be retained regardless of the number of DTMF digits
entered subsequently.
6.
Repertory Dialling (10 Numbers)
The SA545 provides 10 repertory stores each of which is 24 digits in length. Any
attempt to store a number greater than 24 digits, will cause the store to be
automatically cleared. No further digits will be accepted into the store until the whole
programming operation is repeated.
To programme a repertory store: (At any time while off-hook and not dialling.)
1. Press the STORE key
2. Press the number (0-9) of the store to be programmed
3. Enter digits to be stored (No digits will be dialled while programming)
4. Either press the STORE key again or go on-hook to close the store
5. Repeat to programme other stores



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com