Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 8 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 8 Page - Sames

Back Button SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames SA8803 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SA8803
sames
8/10
V
DD
Logic Supply
4.5
5.0
5.5
V
Voltage
V
SS
Analog Supply
-5.5
-5.0
-4.5
V
Voltage
K
T
Current Transfer
10.5
Ratio
∆K
T
Delta Current
I
D = 10 mA
± 15
%
Transfer Ratio
I
D
LED Current
Programmed
10
mA
Value
F
O
Operating
Must be ± 3% of
0.4
128
448
kHz
Frequency 1
8 x Baud Rate
NOTE 1)
The operating frequency range for F
O is wide enough to cover baud rates
from 50 to 56000 bps.
Symbol
Parameter
Condition
Min
Typ
Max Unit
CMOS INTERFACE
V
IL
Low Level
1.5
V
Input Voltage
V
IH
High Level
3.5
V
Input Voltage
V
OL
Low Level
I
O ≤ ± 4 mA
1.0
V
Output Voltage
V
OH
High Level
I
O ≤ ± 4 mA
V
DD -1.0
V
Output Voltage
V
T+
Schmitt. Trig.
3.4
4.0
V
+ve Threshold
V
T-
Schmitt. Trig.
1.4
2.0
V
-ve Threshold
GENERAL
I
IL
Low Level
V
I = VSS
-10
<1
10
µA
Input Current
I
IH
High Level
V
I = VDD
-10
<1
10
µA
Input Current
I
ILU
Input Current
V
I = VSS
-200
-50
-10
µA
with Pull Up
I
IHD
Input Current
V
I = VDD
10
50
200
µA
with Pull Down
I
OZ
Tri-state
V
O = OV or VDD
-10
<1
10
µA
Output Leakage
V
ESD
Electrostatic
C = 100pF
2000
V
Protection
R = 1.5Kohm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com