Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 5 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 5 Page - Sames

  SA8803 Datasheet HTML 1Page - Sames SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SA8803
sames
5/10
4.
Constant Current Mode
When the CC pin is pulled high, the device will draw a constant current from the V
DD
supply which is equal to all LED's in the "on"condition regardless of the status of the
LED's.
5.
Clock Characteristics
S
CLK is the internal synchronous clock derived from the asynchronous external clock
applied at the CLK input pin. It divides the external clock by 8. Theoretically the
rising edge of S
CLK (synchronous Clock) should be in the middle of every bit, as
shown in Figure 4. Because of phase shift due to the clock frequency being more
or less than 8 times the baud rate, this edge may shift its position with regard to the
bit period (B
P). The extreme case that may still be tolerated is an edge arriving at
either the beginning, or end of bit 11. This represents the maximum shift that can
be tolerated for valid data to be received for an inaccurate input clock frequency
(F
O).
V
X
R
3.
LED Intensity Control
The LED "on" current (I
D), is determined by the current flowing from the INTENS pin
through the external resistor. The values of I
D can be calculated as follows:
I
D = KT.
K
T
- Current Transfer Ratio of the Internal Current Mirror (typically 10.0)
R
- The programming resistor value
V
X - The voltage drop across the external resistor (internally controlled to 5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com