Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 3 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 3 Page - Sames

  SA8803 Datasheet HTML 1Page - Sames SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SA8803
sames
3/10
Pin
Designation
Description
1..3
AD0..AD2
Device address input pins. The binary code set up on
these pins, must match the address field of the control
word, before device access may be achieved. These
Schmitt-triggered inputs have on-chip pull-up resistors.
4
DOUT
This output is used for the manufacturers test requirements
and MUST be left open.
5
CC
Constant Current Drain Select.This Schmitt-triggered
input has on-chip pullup provided.
7..10,
LED1..LED4,
High current LED drive terminal outputs.
12..14,
LED5..LED7
16..18,
LED8..LED10,
20..21,
LED11..LED12,
24..26
LED13..LED15,
28..30
LED16..LED18,
32..34,
LED19..LED21,
36..38
LED22..LED24
22
INTENS
This analog input is used to set the drive current supplied
to the LED's. A resistor is connected from this pin to V
EE.
39
TEST
Active low input that enables the internal LED status word
to be output from the DOUT pin. This Schmitt-triggered
input has on-chip pullup provided.
40
NC
Internally Unconnected.
41
CLK
External clock Schmitt-triggered input runs at 8X the data
rate (Baud rate).
42
MRST
This active low Schmitt-Trigger input may be used to
reset all internal registers. When active (low) this input
will cause all LED's to be driven for the duration of MRST
(lamp test). When MRST goes inactive all LED's will be
turned off. On-chip pullup provided.
43
GND
0V Supply Input for logic (0V)
44
DATA
Serial data input. Accept data in the form of an 11-bit
information word. This Schmitt-triggered input has on-
chip pullup provided.
11, 19,
VEE
Negative Supply Inputs (-5V)
27, 35
6, 15,
VDD
Positive Supply Inputs (+5V)
23, 31
Note:
All inputs and outputs are CMOS compatible, unless otherwise specified.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com