Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 7 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 7 Page - Sames

Back Button SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames SA8803 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SA8803
sames
7/10
6.
Test feature
If the TEST pin is pulled low, the status of all 24 LED's are output at pin DOUT in
3 groups of 8 status bits each, with a start bit and a stop bit added. The data rate
of this status word is equal to the input data rate (i.e. CLK) devided by 8.
The three data word that are serially output at DOUT each contain 11-bit. This
means that bit 10 is not used in each case. The words therefore contain a start bit,
8 LED status bits (1 for off, 0 for on). 1 unused bit, and a stop bit. The three groups
are output consecutively in the following order: first LED's 1 to 8, then 9 to 16, and
then 17 to 24.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
-0.30 V to +5.50 V
Supply Voltage, V
EE
0.30 V to -5.50 V
Input or Output Voltage
-0.30 V to (V
DD +0.30) V
DC Forward Bias Current, Input or Output
± 10 mA
Storage Temperature (Plastic)
-40 to 125°C
Operating Temperature
0° - 70°
Note 1:
Referenced to GND. Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated
in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may effect the device reliability.
ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics Across Temperature Range (Note 1)
Symbol
Parameter
Condition
Min
Typ
Max Unit
TTL INTERFACE
V
IL
Low Level
0.8
V
Input Voltage
V
IH
High Level
2.0
V
Input Voltage
V
OL
Low Level
I
OL ≤ 4mA
0.1
0.4
V
Ouput Voltage
V
OH
High Level
I
OH ≤ 4 mA
2.4
4.5
V
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com