Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 6 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 6 Page - Sames

Back Button SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames SA8803 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SA8803
sames
6/10
The acceptable Clock pulse Period (T
O) may be calculated as follows:
The rising edge may not shift more than half a bit period (B
P), therefore:
11 x B
P - (½ x BP) <11 x 8 x TO < 11 x BP (½ x BP)
Therefore:
11 x 8 x T
O = 11 x BP ± (½ x BP)
.·.
T
O = (BP ÷ 8) ±
(B
P ÷ 8)
22
.·.
T
O = (BP ÷ 8) ± 4,55%
The acceptable frequency for the clock F
O is calculated as follows:
F
O =
1
T
O
.·. F
O =
1
(B
P ÷ 8) (1 ±
1 )
22
But because:
B
R x 8 =
1
(B
P ÷ 8)
where B
R = Baud Rate
F
O = (BR x 8) x
22
(1 ± 22)
.·.
F
O = BR x 8 ± 4.55%
The SA8803 has been specified for an external clock frequency of 8 times the Baud
Rate ± 3%.
FIGURE 3: TIMING DIAGRAM
12
3
T0
CLK
DR-00596
456
7
=
F 0
8 x S CLK
DATA
CLK
S
S
B P
BIT 11
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com