Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 4 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 4 Page - Sames

  SA8803 Datasheet HTML 1Page - Sames SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SA8803
sames
4/10
FUNCTIONAL DESCRIPTION
1.
Control Word
The control word written serially into the DATA pin, will contain 9 information bits.
The data structure is illustrated in Figure 2 below.
Because the chip address is 3 bits wide, a single chip controller will be able to
address 8 SA8803 devices. Each SA8803 can drive 24 LED's, which means that
the controller is capable of addressing 192 LED's. The address bits in the control
word are internally compared with the address on the AD0..AD2 address lines to
determine if the SA8803 is being addressed.
Table 1. LED Addresses
L5
L4
L3
L2
L1
LED
0
0
0
0
0
IGNORED
00
0
0
1
1
00
0
1
0
2
etc
11
0
0
0
24
11
0
0
1
IGNORED
11
1
1
1
FIGURE 2: CONTROL WORD STRUCTURE
9-BIT CONTROL WORD
LED BIT ADDRESS INSIDE BANK
DEVICE BIT ADDRESS
STATUS BIT
S=
DR-00595
=
=
=
=
L1
SB
E
SB
A0 ... A2
L1 ... L5
START BIT
END BIT
L2
L3
L4
A1
L5
S
A0
ESB
A2
As can be seen from the structure of the control word, the controller should send 1
start bit, 9 data bits, and 1 stop bit.
When a LED is addressed its state will be set according to the status bit. A logic
one will enable the LED, and a logic zero will disable the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com