Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8803 Datasheet(PDF) 1 Page - Sames

Part # SA8803
Description  LIGHT EMITTING DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8803 Datasheet(HTML) 1 Page - Sames

  SA8803 Datasheet HTML 1Page - Sames SA8803 Datasheet HTML 2Page - Sames SA8803 Datasheet HTML 3Page - Sames SA8803 Datasheet HTML 4Page - Sames SA8803 Datasheet HTML 5Page - Sames SA8803 Datasheet HTML 6Page - Sames SA8803 Datasheet HTML 7Page - Sames SA8803 Datasheet HTML 8Page - Sames SA8803 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
n
Drives 24 LED's under control of Serial
Interface
n
Light
Emitting
Diode
intensity
programmable using a single resistor
n
Automatic lamp test facility on reset
(MRST)
n
Minimal external components
n
LED intensity constant, regardless of
number of LED's illuminated
sames
PDS039-SA8803-001
REV. C
07-03-96
LIGHT EMITTING DIODE DRIVER
4159
SA8803
1/10
n
11 Bit Information word controls up to
192 LED's (using eight SA8803s)
n
Readback of LED status
n
Requires a local clock of 8 times the
data rate
n
Constant current from power supply
option
DESCRIPTION
The block Diagram of the SA8803 is shown in
Fig. 1. A control word is clocked into the
device via the DATA pin with a local clock
provided to pin CLK.
The control word
comprises a 3-bit chip address, a 5-bit LED
address and a Status (on/off) bit. Provided
that the Chip Adress matches the setting on
pins AD0..AD2 then the LED State Register is
addressed and the state of the selected LED
is set according to the Status bit in the Control
word.
The LEDs are driven by banks of Constant
Current Sources in which the value of the
current in all six banks is set by a single
external resistor connected between pin
INTENS and VEE. The total current drained
by the device and the LEDs may be fixed at
six times the LED current by connecting pin
CC to GND.
The status of all LEDs can be verified at any
time by pulling the TEST pin low. When tis
happens the contents of the LED Status
Register are clocked out of the SA8803 on the
pin DOUT. An additional test feature is that
al LEDs are illuminated for a short period after
power up to simplify system testing.
PIN CONNECTIONS
23
SA8803
1
LED 7
DR-00593
LED 8
LED 9
V DD
18
19
15
16
17
20
21
22
V EE
LED 4
LED 5
LED 6
LED 1
LED 2
LED 3
10
11
12
13
14
7
8
9
65
43
2
LED 19
24
25
26
27
28
29
30
31
V
LED 18
LED 17
DD
44
43
42
32
33
34
35
36
37
38
39
41
40
V
LED 21
LED 20
EE
LED 22
TEST
LED 24
LED 23


Similar Part No. - SA8803

ManufacturerPart #DatasheetDescription
logo
Sames
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806AFA SAMES-SA8806AFA Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806APA SAMES-SA8806APA Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8807A SAMES-SA8807A Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
SA8807AFA SAMES-SA8807AFA Datasheet
271Kb / 14P
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
More results

Similar Description - SA8803

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJP01BC-WV61 WINNERJOIN-WEJP01BC-WV61 Datasheet
129Kb / 2P
Light Emitting Diode
WEJP01GC-WV63 WINNERJOIN-WEJP01GC-WV63 Datasheet
129Kb / 2P
Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31RC-991 WINNERJOIN-WEJS31RC-991 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31YC-C93 WINNERJOIN-WEJS31YC-C93 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
Light Emitting Diode
logo
Roithner LaserTechnik G...
CG4L5111A ROITHNER-CG4L5111A Datasheet
315Kb / 2P
Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com