Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 8 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 8 Page - Sames

Back Button SA9401 Datasheet HTML 4Page - Sames SA9401 Datasheet HTML 5Page - Sames SA9401 Datasheet HTML 6Page - Sames SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames SA9401 Datasheet HTML 10Page - Sames SA9401 Datasheet HTML 11Page - Sames SA9401 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
sames
SA9401
8
FIGURE 2
EXTERNAL DATA STORAGE
This section describes in detail the names and definition of the parameters which de-
fine the Tone Plan for a PABX. Values for these parameters are selected by the system
designer in accordance with the relevant standards and are saved in an external EPROM
to be addressed by the SA9401.
Reference can be made to the diagram of fig. 3 which defines the memory map of the
EPROM.
23FFH
Program 7
2380H
237FH
Program 6
2300H
22FFH
Program 5
2280H
227FH
Program 4
2200H
21FFH
Program 3
2180H
217FH
Program 2
2100H
20FFH
Program 1
2030H
207FH
Program 0
2000H
1E00-1FFFH Tone Blk F
1C00-1DFFH
E
1A00-1BFFH
D
1800-19FFH
C
1600-17FFH
B
1400-15FFH
A
1200-13FFH
9
1000-11FFH
8
0E00-0FFFH
7
0C00-0DFFH
6
0A00-0BFFH
5
0800-09FFH
4
0600-07FFH
3
0400-05FFH
2
0200-03FFH
1
0000-01FFH
0
+ 6DH
CAD3_8_HI
+ 6CH
CAD3_8_LO
+ 6BH
CAD2_8_HI
+ 6AH
CAD2_8_LO
+ 69H
CAD1_8_HI
+ 68H
CAD1_8_LO
+ 67H
CAD1_8_HI
+ 66H
CAD0_8_LO
BASE ADDR = 2000 + p*80H
+ 11H
TIME_SLOT_n
+ 10H
CAD3_n_HI
+ 0FH
CAD3_n_LO
+ OEH
CAD2_n_HI
+ ODH
CAD2_n_LO
+ OCH
CAD1_n_HI
+ OBH
CAD1_n_LO
+ 0AH
CAD0_n_HI
+ 09H
CAD0_n-LO
+ 08H
Unused
+ 07H
TONE_BLOCK_n-B
+ 06H
TONE_BLOCK_n_A
BASE = 2000+ P*80+ n*CH
+ 05H
INTR_HI
+ 04H
INTR_LO
+ 03H
SILENCE
+ 02H
CYCLE_HI
+ 01H
CYCLE_LO
+ 00H
Unused
+ 6E-7FH
Not Used
+66-7DH
Intrude Tone
+5A-65H
Tone Stream 7
+ 4E-59H
6
+ 42-4DH
5
+ 36-41H
4
+ 2A-35H
3
+ 1E-29H
2
+ 12-1DH
1
+ 06-11H
0
+00-05H
Initialisation
BASE ADDR = 2000 + p * 80H
3FFFH
Unused
2400H
23FFH
Programs
2000H
1FFFH
Tone
Blocks
0000H
16kbyte
EPROM
BASE + 1 FFH
Unused
BASE + CYCLE
BASE + CYCLE - 1
PCM Samples
BASE ADDR (b * 0200H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com