Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9401 Datasheet(PDF) 3 Page - Sames

Part # SA9401
Description  UNIVERSAL PABX TONE GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9401 Datasheet(HTML) 3 Page - Sames

  SA9401 Datasheet HTML 1Page - Sames SA9401 Datasheet HTML 2Page - Sames SA9401 Datasheet HTML 3Page - Sames SA9401 Datasheet HTML 4Page - Sames SA9401 Datasheet HTML 5Page - Sames SA9401 Datasheet HTML 6Page - Sames SA9401 Datasheet HTML 7Page - Sames SA9401 Datasheet HTML 8Page - Sames SA9401 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
sames
SA9401
3
37, 36, 35, 33,
I
D0..D7
EPROM Data Lines
32, 31, 30, 29
9, 14, 19
I
PS0, PS1,
Program Select Inputs for Selecting
PS2
between 1 of 8 tone plans
7
O
CLKDIV2
CLKIN divided by 2 output (i.e. 4096 kHz or 1024
kHz depending on CLK_SEL input)
40
I
CLK_SEL
Selects between CKLIN of 8192 or 2048 kHz and
Synchronisation source.
0 = 8192kHz/Internal
1 = 2048kHz/External
28
I
TEST
Used for IC testing purpose.
Tied Low during
normal operation.
38
I
MRST
Asynchronous Reset Pin. Resets all Internal Flip
Flops (active low)
16
I
WD_RST
Watchdog reset input (Rising-edge triggered) Tied
high if unused
17
I
WD_EN
Watchdog enable input (active low) Tied high if
unused
18
O
WD_INT
Watchdog output (active low, tri-state)
PIN DESCRIPTION (Continued)
Pin No
I/0
Designation
Description
BLOCK DIAGRAM
CLOCK
GENERATOR
PCM_OU
A[13 : 0]
INTRCAD
8KFS
INTRFRQ
WD_INT
PCMFSC
2MCLK
CLKDIV2
SA9401
DR-01085
T EST
P S[2 : 0]
/ FS1
D [7 : 0]
WDENB
WD_RST
C LKIN
/ MRST
C LK_SEL
WATCHDOG
TIMER
CADENCE
TIMER
PCM
INTERFACE
EPROM
INTERFACE
INTRUDE
TONE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com